Part Number Hot Search : 
YDW20 14600 2405E2 A2206B L1084S 24L15 C2055 IDT74FCT
Product Description
Full Text Search
 

To Download ASI10750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VMB150-28
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI VMB150-28 is Designed for
D
PACKAGE STYLE .500 6L FLG
C A 2x ON FULL R
FEATURES:
* * * OmnigoldTM Metalization System
DIM B G .725/18,42 F K H MINIMUM
inches / mm
E
M L
J
I
MAXIMUM
inches / mm
MAXIMUM RATINGS
IC VCB VCE PDISS TJ TSTG JC
O
A B C D E F G H I J K L M N
.150 / 3.43 .045 / 1.14 .210 / 5.33 .835 / 21.21 .200 / 5.08 .490 / 12.45 .003 / 0.08 .125 / 3.18 .725 / 18.42 .970 / 24.64 .090 / 2.29 .150 / 3.81
.160 / 4.06
10 A 60 V 35 V 140 W @ TC = 25 OC -65 C to +200 C -65 OC to +150 OC 0.65 OC/W
O
.220 / 5.59 .865 / 21.97 .210 / 5.33 .510 / 12.95 .007 / 0.18
.980 / 24.89 .105 / 2.67 .170 / 4.32 .285 / 7.24
.120 / 3.05
.135 / 3.43
ORDER CODE: ASI10750
CHARACTERISTICS
SYMBOL
BVCEO BVCER BVEBO ICES hFE Cob PG C IC = 50 mA IC = 50 mA IE = 10 mA VE = 28 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
35 60 4.0 5
UNITS
V V V mA --pF dB
VCE = 5.0 V VCB = 28 V VCC = 28 V
IC = 1.0 A f = 1.0 MHz POUT = 150 W f = 88 MHz
10
100 335
13 60
%
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X